PART |
Description |
Maker |
ST9291 ST9291J2 ST9291J3 ST9291J4 ST9291J5 ST9291J |
8/16-BIT MICROCONTROLLER (MCU) WITH 16-48K ROM, OTP, EPROM, ON SCREEN DISPLAY AND VOLTAGE TUNING OUTPUT 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
ZLR32300H4808G |
Z8 Low-Voltage ROM MCU with Infrared Timers 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PDSO48
|
ZiLOG, Inc.
|
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
ST6201L ST6200L 5499 ST6203LM1 ST6200LB1 ST6200LM1 |
Low Voltage 8-Bit ROM MCUs with A/D Converter and 16 Pins(低压8位ROM微控制器(4M)) 低电8位微控制器的ROM / D转换器和16引脚(低压光8位微控制器(4分) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS From old datasheet system
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
ST72361 ST7236107 ST72F361 |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI(具有ICP,IAP,Nested Interrupt,TLI,ROP,带LIN功能位MCU) 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI垄芒
|
意法半导 STMicroelectronics
|
ST7285A5CQ6 ST7285A5CQ8 ST72T85A5Q6 |
8-BIT MICROCONTROLLER (MCU) FOR CAR RADIO WITH ROM, EPROM OR OTP, RDS (RADIO DATA SYSTEM), ADC, TIMERS, SPI (S), I2C, SCI, PQFP80 8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
|
SGS Thomson Microelectronics ST Microelectronics
|
ST72321BAR7 ST72321BAR9 ST72321BJ6 ST72321BJ9 ST72 |
ST72321B - 64/44-PIN. 8-BIT MCU WITH 32 TO 60K FLASH/ROM.FIVE TIMERS. SPI. SCI. I2C INTERFACE ST72321B - 64/44-PIN8位微控制2点,0,000闪存/ ROM.FIVE定时器。的SPI。脊髓损伤I2C接口
|
NXP Semiconductors N.V.
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST7263B ST7263BK1 ST7263BK1B1 ST7263BK1M1 ST7263BK |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72621J2B1 ST72621J2T1L ST72621L4M1 ST72621J4T1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics SGS Thomson Microelectronics
|
ST7263BK6 ST72F63BK6M1 ST7263BH6 ST7263BE6 ST72F63 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 32K FLASH/ROM, DFU CAPABILITY, 8-BIT ADC, WDG, TIMER, SCI and I2C
|
ST Microelectronics
|